| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G474CE Datasheet(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE Datasheet(HTML) 104 Page - STMicroelectronics |
|
104 / 232 page ![]() Table 29. Typical current consumption in Run and Low-power run modes, with different codes running from SRAM2 Symbol Parameter Conditions fHCLK TYP Unit TYP Unit - Voltage scaling Single bank mode Single bank mode IDD (Run) Supply current in Run mode fHCLK = fHSE up to 48 MHZ included, bypass mode PLL ON above 48 MHz all peripherals disable Range2 fHCLK=26 M Hz Reduced code(1) 2.65 mA 102 µA/MHz Coremark 2.80 108 Dhrystone2.1 2.65 102 Fibonacci 2.60 100 While(1) 2.45 94 Range 1 fHCLK= 150 MHz Reduced code(1) 17.50 mA 117 µA/MHz Coremark 18.00 120 Dhrystone2.1 17.50 117 Fibonacci 17.00 113 While(1) 16 107 Range 1 Boost mode fHCLK= 170 MHz Reduced code(1) 21.00 mA 124 µA/MHz Coremark 22.00 129 Dhrystone2.1 21.00 124 Fibonacci 20.50 121 While(1) 19.50 115 IDD (LPRun) Supply current in Low-power run SYSCLK source is HSI16 FHCLK = 2MHz all peripherals disable Reduced code(1) 890 µA 445 µA/MHz Coremark 830 415 Dhrystone2.1 825 413 Fibonacci 830 415 While(1) 815 408 1. Reduced code used for characterization results provided in Table 21, Table 23, Table 25. |