Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 120 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 116Page - STMicroelectronics STM32L496VG Datasheet HTML 117Page - STMicroelectronics STM32L496VG Datasheet HTML 118Page - STMicroelectronics STM32L496VG Datasheet HTML 119Page - STMicroelectronics STM32L496VG Datasheet HTML 120Page - STMicroelectronics STM32L496VG Datasheet HTML 121Page - STMicroelectronics STM32L496VG Datasheet HTML 122Page - STMicroelectronics STM32L496VG Datasheet HTML 123Page - STMicroelectronics STM32L496VG Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 262 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48MHz
included, bypass
mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
2.65
2.69
2.82
3.05
3.51
2.9
3.0
3.3
3.8
4.7
mA
16 MHz
1.68
1.72
1.85
2.07
2.53
1.9
2.0
2.2
2.7
3.7
8 MHz
0.91
0.94
1.07
1.29
1.74
1.0
1.1
1.4
1.8
2.8
4 MHz
0.52
0.55
0.68
0.9
1.35
0.6
0.7
0.9
1.4
2.4
2 MHz
0.33
0.36
0.48
0.7
1.15
0.4
0.5
0.7
1.2
2.2
1 MHz
0.23
0.26
0.38
0.6
1.06
0.3
0.4
0.6
1.1
2.0
100 kHz
0.14
0.17
0.3
0.52
0.97
0.2
0.3
0.5
1.0
2.0
Range 1
80 MHz
9.44
9.5
9.67
9.93
10.4
10.3
10.4
10.7
11.3
12.4
72 MHz
8.52
8.59
8.75
9.01
9.53
9.3
9.4
9.7
10.3
11.4
64 MHz
7.61
7.67
7.83
8.09
8.61
8.3
8.4
8.7
9.3
10.4
48 MHz
5.72
5.78
5.94
6.2
6.72
6.3
6.4
6.7
7.3
8.4
32 MHz
3.87
3.92
4.07
4.33
4.84
4.2
4.4
4.7
5.2
6.3
24 MHz
2.94
2.99
3.14
3.39
3.9
3.2
3.4
3.6
4.2
5.3
16 MHz
2.01
2.06
2.2
2.45
2.95
2.2
2.3
2.6
3.2
4.2
IDD_ALL
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
274
307
444
678
1150
318
425
656
1167
2197
µA
1 MHz
158
195
328
564
1040
195
309
558
1047
2084
400 kHz
88.2
123
256
490
969
116
232
485
973
2012
100 kHz
63
90.6
223
457
934
79
195
447
942
1975
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com