Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 145 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 141Page - STMicroelectronics STM32L496VG Datasheet HTML 142Page - STMicroelectronics STM32L496VG Datasheet HTML 143Page - STMicroelectronics STM32L496VG Datasheet HTML 144Page - STMicroelectronics STM32L496VG Datasheet HTML 145Page - STMicroelectronics STM32L496VG Datasheet HTML 146Page - STMicroelectronics STM32L496VG Datasheet HTML 147Page - STMicroelectronics STM32L496VG Datasheet HTML 148Page - STMicroelectronics STM32L496VG Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 262 page
background image
DocID029173 Rev 1
145/262
STM32L496xx
Electrical characteristics
235
APB1
TIM2
5.85
4.88
5.70
µA/MHz
TIM3
5.20
4.25
5.00
TIM4
4.50
3.67
4.20
TIM5
5.60
4.58
5.10
TIM6
0.85
0.70
0.90
TIM7
0.86
0.71
0.90
USART2 independent clock domain
4.06
3.40
4.00
USART2 APB clock domain
1.38
1.17
1.40
USART3 independent clock domain
4.80
3.92
4.60
USART3 APB clock domain
1.80
1.50
1.80
UART4 independent clock domain
3.80
3.10
3.00
UART4 APB clock domain
1.30
1.13
1.30
UART5 independent clock domain
3.83
3.17
3.50
UART5 APB clock domain
1.60
1.25
1.50
WWDG
0.39
0.33
0.40
All APB1 on
84.20
74.96
82.70
APB2
AHB to APB2 bridge(4)
1.00
0.90
0.90
µA/MHz
DFSDM1
6.00
5.00
5.50
FW
0.28
0.30
0.30
SAI1 independent clock domain
2.60
2.10
2.30
SAI1 APB clock domain
2.09
1.80
2.00
SAI2 independent clock domain
3.30
2.70
3.00
SAI2 APB clock domain
2.50
2.00
2.50
SDMMC1 independent clock domain
4.20
3.90
4.20
SDMMC1 APB clock domain
2.10
1.80
2.00
SPI1
1.71
1.42
1.50
SYSCFG/VREFBUF/COMP
0.55
0.50
0.50
TIM1
8.41
6.96
7.50
TIM8
8.83
7.33
8.00
TIM15
3.96
3.29
3.50
TIM16
3.24
2.67
3.00
TIM17
2.94
2.46
2.50
USART1 independent clock domain
5.20
4.29
5.50
USART1 APB clock domain
1.70
1.50
1.60
Table 50. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com