Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 232 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 232 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 228Page - STMicroelectronics STM32L496VG Datasheet HTML 229Page - STMicroelectronics STM32L496VG Datasheet HTML 230Page - STMicroelectronics STM32L496VG Datasheet HTML 231Page - STMicroelectronics STM32L496VG Datasheet HTML 232Page - STMicroelectronics STM32L496VG Datasheet HTML 233Page - STMicroelectronics STM32L496VG Datasheet HTML 234Page - STMicroelectronics STM32L496VG Datasheet HTML 235Page - STMicroelectronics STM32L496VG Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 262 page
background image
Electrical characteristics
STM32L496xx
232/262
DocID029173 Rev 1
6.3.29
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 116 for DCMI are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 21, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data format: 14 bits
•
Capacitive load C=30pF
Figure 55. DCMI timing diagram
Table 116. DCMI characteristics(1)
1. Data based on characterization results, not tested in production.
Symbol
ParameterMin
Max
Unit
Frequency ratio DCMI_PIXCLK/fHCLK
-0.4
DCMI_PIXCLK
Pixel clock input
-
32
MHz
Dpixel
Pixel clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
4
-
ns
th(DATA)
Data hold time
5
-
tsu(HSYNC),
tsu(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input setup
time
3-
th(HSYNC),
th(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input hold time
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com