Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VGI3 Datasheet(PDF) 123 Page - STMicroelectronics

No. de pieza STM32L496VGI3
Descripción Electrónicos  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VGI3 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32L496VGI3 Datasheet HTML 119Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 120Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 121Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 122Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 123Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 124Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 125Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 126Page - STMicroelectronics STM32L496VGI3 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 262 page
background image
Table 29. Current consumption in Run modes, code with data processing running from Flash,
ART disable and power supplied by external SMPS (VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Uni
t
-fHCLK
25 °C
55
°C
85 °C 105 °C
125
°C
IDD_ALL(Run)
Supply current in Run
mode
fHCLK = fHSE up to 48MHz included, bypass mode
PLL ON above
48 MHz all peripherals disable
80 MHz
3.59
3.63
3.70
3.77
3.99
mA
72 MHz
3.24
3.27
3.34
3.45
3.63
64 MHz
3.21
3.24
3.31
3.41
3.59
48 MHz
2.70
2.73
2.79
2.89
3.09
32 MHz
1.93
1.96
2.02
2.11
2.30
24 MHz
1.46
1.48
1.54
1.63
1.82
16 MHz
1.03
1.05
1.10
1.20
1.38
8 MHz
0.53
0.54
0.60
0.69
0.89
4 MHz
0.30
0.31
0.37
0.47
0.66
2 MHz
0.18
0.19
0.25
0.34
0.53
1 MHz
0.12
0.13
0.19
0.28
0.47
100 kHz
0.06
0.08
0.13
0.22
0.42
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com