Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CBY6 Datasheet(PDF) 139 Page - STMicroelectronics

No. de pieza STM32U073CBY6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073CBY6 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32U073CBY6 Datasheet HTML 135Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 136Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 137Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 138Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 139Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 140Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 141Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 142Page - STMicroelectronics STM32U073CBY6 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 146 page
background image
3.20
Operational amplifier (OPAMP) ................................................. 20
3.21
Liquid crystal controller (LCD) ................................................... 20
3.22
Touch sensing controller (TSC) .................................................. 20
3.23
True random-number generator (RNG) ........................................... 21
3.24
Timers and watchdogs ......................................................... 21
3.24.1
Advanced-control timer (TIM1) ............................................. 22
3.24.2
General-purpose timers (TIM2, 3, 15, 16) ..................................... 22
3.24.3
Basic timers (TIM6 and TIM7) .............................................. 22
3.24.4
Low-power timers (LPTIM1, LPTIM2, and LPTIM3) ............................. 22
3.24.5
Independent watchdog (IWDG)............................................. 23
3.24.6
System window watchdog (WWDG) ......................................... 23
3.24.7
SysTick timer .......................................................... 23
3.25
Real-time clock (RTC), tamper (TAMP) and backup registers......................... 23
3.26
Inter-integrated circuit interface (I2C) ............................................. 23
3.27
Universal synchronous/asynchronous receiver transmitter (USART/UART) ............ 24
3.28
Low-power universal asynchronous receiver transmitter (LPUART) ................... 25
3.29
Serial peripheral interface (SPI) ................................................. 25
3.30
Universal serial bus device (USB) ............................................... 26
3.31
Debug support ................................................................ 26
3.31.1
Serial wire debug port (SW-DP) ............................................ 26
4
Pinouts/ballouts, pin description, and alternate functions .........................27
4.1
Pinout/ballout schematics ...................................................... 27
4.2
Pin description ................................................................ 31
4.3
Alternate functions ............................................................ 36
5
Memory mapping .................................................................40
6
Electrical characteristics..........................................................41
6.1
Parameter conditions .......................................................... 41
6.1.1
Minimum and maximum values............................................. 41
6.1.2
Typical values .......................................................... 41
6.1.3
Typical curves .......................................................... 41
6.1.4
Loading capacitor ....................................................... 41
6.1.5
Pin input voltage ........................................................ 41
6.1.6
Power supply scheme .................................................... 42
6.1.7
Current consumption measurement ......................................... 43
6.2
Absolute maximum ratings...................................................... 43
6.3
Operating conditions........................................................... 44
6.3.1
General operating conditions .............................................. 44
STM32U073x8/B/C
Contents
DS14548 - Rev 2
page 139/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com