Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCU6 Datasheet(PDF) 126 Page - STMicroelectronics

No. de pieza STM32L433VCU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU6 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32L433VCU6 Datasheet HTML 122Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 123Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 124Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 125Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 126Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 127Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 128Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 129Page - STMicroelectronics STM32L433VCU6 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 227 page
background image
Electrical characteristics
STM32L433xx
126/19
DS11449 Rev 7
APB1
RTCA
1.7
1.1
2.1
µA/MHz
CRS
0.3
0.3
0.6
USB FS independent clock
domain
2.9
N/A
N/A
USB FS clock domain
2.3
N/A
N/A
I2C1 independent clock domain
3.5
2.8
3.4
I2C1 clock domain
1.1
0.9
1.0
I2C2 independent clock domain
3.5
3.0
3.4
I2C2 clock domain
1.1
0.7
0.9
I2C3 independent clock domain
2.9
2.3
2.5
I2C3 clock domain
0.9
0.4
0.8
LCD
0.9
0.6
0.8
LPUART1 independent clock
domain
1.9
1.6
1.8
LPUART1 clock domain
0.6
0.6
0.6
LPTIM1 independent clock
domain
2.9
2.4
2.8
LPTIM1 clock domain
0.8
0.4
0.7
LPTIM2 independent clock
domain
3.1
2.7
3.9
LPTIM2 clock domain
0.8
0.7
0.8
OPAMP
0.4
0.2
0.4
PWR
0.4
0.1
0.4
SPI2
1.8
1.6
1.6
SPI3
1.7
1.3
1.6
SWPMI1 independent clock
domain
1.9
1.6
1.9
SWPMI1 clock domain
0.9
0.7
0.8
TIM2
6.2
5.0
5.9
TIM6
1.0
0.6
0.9
TIM7
1.0
0.6
0.6
USART2 independent clock
domain
4.1
3.6
3.8
USART2 clock domain
1.3
0.9
1.1
APB1
USART3 independent clock
domain
4.3
3.5
4.2
USART3 clock domain
1.5
1.1
1.3
Table 50. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com