Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCU7 Datasheet(PDF) 127 Page - STMicroelectronics

No. de pieza STM32L433VCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 123Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 124Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 125Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 126Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 127Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 128Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 129Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 130Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 227 page
background image
DS11449 Rev 7
127/19
STM32L433xx
Electrical characteristics
194
The consumption for the peripherals when using SMPS can be found using STM32CubeMX
PCC tool.
6.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 51 are the latency between the event and the execution of
the first user instruction.
The device goes in low-power mode after the WFE (Wait For Event) instruction.
APB1
WWDG
0.5
0.5
0.5
µA/MHz
All APB1 on
51.5
35.5
48.6
APB2
AHB to APB2(4)
1.0
0.9
0.9
FW
0.2
0.2
0.2
SAI1 independent clock domain
2.3
1.8
1.9
SAI1 clock domain
2.1
1.8
2.0
SDMMC1 independent clock
domain
4.7
3.9
3.9
SDMMC1 clock domain
2.5
1.9
1.9
SPI1
1.8
1.6
1.7
SYSCFG/VREFBUF/COMP
0.6
0.5
0.6
TIM1
8.1
6.5
7.6
TIM15
3.7
3.0
3.4
TIM16
2.7
2.1
2.6
USART1 independent clock
domain
4.8
4.2
4.6
USART1 clock domain
1.5
1.3
1.7
All APB2 on
24.2
19.9
22.6
ALL
100.9
77.1
94.8
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The GPIOx (x= A…H) dynamic current consumption is approximately divided by a factor two versus this table values when
the GPIO port is locked thanks to LCKK and LCKy bits in the GPIOx_LCKR register. In order to save the full GPIOx current
consumption, the GPIOx clock should be disabled in the RCC when all port I/Os are used in alternate function or analog
mode (clock is only required to read or write into GPIO registers, and is not used in AF or analog modes).
3. The AHB to APB1 Bridge is automatically active when at least one peripheral is ON on the APB1.
4. The AHB to APB2 Bridge is automatically active when at least one peripheral is ON on the APB2.
Table 50. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com