Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCU7 Datasheet(PDF) 187 Page - STMicroelectronics

No. de pieza STM32L433VCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 183Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 184Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 185Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 186Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 187Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 188Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 189Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 190Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 227 page
background image
DS11449 Rev 7
187/19
STM32L433xx
Electrical characteristics
194
Table 97. QUADSPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
Quad SPI clock
frequency
1.71 < VDD < 3.6 V, CLOAD = 20 pF
Voltage Range 1
--
40
MHz
2 < VDD < 3.6 V, CLOAD = 20 pF
Voltage Range 1
--
48
1.71 < VDD < 3.6 V, CLOAD = 15 pF
Voltage Range 1
--
48
1.71 < VDD < 3.6 V CLOAD = 20 pF
Voltage Range 2
--
26
tw(CKH)
Quad SPI clock high
and low time
fAHBCLK = 48 MHz, presc=0
t(CK)/2-2
-
t(CK)/2
ns
tw(CKL)
t(CK)/2
-
t(CK)/2+2
tsr(IN)
Data input setup time
on rising edge
Voltage Range 1
1
--
Voltage Range 2
3.5
tsf(IN)
Data input setup time
on falling edge
Voltage Range 1
1
--
Voltage Range 2
1.5
thr(IN)
Data input hold time
on rising edge
Voltage Range 1
6
--
Voltage Range 2
6.5
thf(IN)
Data input hold time
on falling edge
Voltage Range 1
5.5
--
Voltage Range 2
5.5
tvr(OUT)
Data output valid time
on rising edge
Voltage Range 1
-
55.5
Voltage Range 2
9.5
14
tvf(OUT)
Data output valid time
on falling edge
Voltage Range 1
-
58.5
Voltage Range 2
15
19
thr(OUT)
Data output hold time
on rising edge
Voltage Range 1
3.5
-
-
Voltage Range 2
8
-
thf(OUT)
Data output hold time
on falling edge
Voltage Range 1
3.5
-
-
Voltage Range 2
13
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com