Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 109Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 110Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 111Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 112Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 113Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 114Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 115Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 116Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 227 page
background image
Table 41. Current consumption in Sleep and Low-power sleep modes, flash ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Sleep)
Supply
current in
sleep
mode,
fHCLK = fHSE up
to 48 MHz
included, bypass
mode
pll ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.68
0.69
0.74
0.81
0.95
0.8
0.8
0.9
1.0
1.3
mA
16 MHz
0.46
0.48
0.52
0.59
0.73
0.5
0.6
0.6
0.8
1.1
8 MHz
0.29
0.30
0.34
0.41
0.55
0.3
0.4
0.4
0.6
0.9
4 MHz
0.20
0.21
0.25
0.32
0.46
0.2
0.3
0.3
0.5
0.8
2 MHz
0.16
0.17
0.21
0.28
0.42
0.2
0.2
0.3
0.4
0.7
1 MHz
0.13
0.15
0.19
0.26
0.40
0.1
0.2
0.3
0.4
0.7
100 kHz
0.11
0.13
0.17
0.24
0.38
0.1
0.2
0.2
0.4
0.7
Range 1
80 MHz
2.23
2.25
2.30
2.38
2.54
2.5
2.5
2.6
2.8
3.1
72 MHz
2.02
2.04
2.10
2.18
2.34
2.2
2.3
2.4
2.5
2.9
64 MHz
1.82
1.84
1.89
1.98
2.14
2.0
2.1
2.1
2.3
2.6
48 MHz
1.34
1.36
1.42
1.50
1.66
1.5
1.6
1.7
1.8
2.2
32 MHz
0.93
0.95
1.01
1.09
1.25
1.1
1.1
1.2
1.4
1.7
24 MHz
0.73
0.75
0.80
0.88
1.04
0.8
0.9
1.0
1.1
1.4
16 MHz
0.53
0.55
0.60
0.68
0.84
0.6
0.6
0.7
0.9
1.2
IDD_ALL
(LPSleep)
Supply
current in
low-power
sleep
mode
fHCLK = fMSI
all peripherals disable
2 MHz
71.8
80.7
125
200
350
91.1
122.7
191.3
341.5
653.5
µA
1 MHz
45.0
57.3
101
176
325
63.2
95.4
165.4
316.5
628.7
400 kHz
27.0
40.7
84.6
158
308
43.9
75.8
147.2
297.6
609.2
100 kHz
22.8
30.9
63.3
113.2
207.7
35.2
67.9
140.9
290.8
602.4
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com