Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 129 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 125Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 126Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 127Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 128Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 129Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 130Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 131Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 132Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 227 page
background image
DS11449 Rev 7
129/19
STM32L433xx
Electrical characteristics
194
tWUSTOP2
Wake up time from Stop 2
mode to Run mode in flash
Range 1
Wakeup clock MSI = 48 MHz
8.02
9.24
µs
Wakeup clock HSI16 = 16 MHz 7.66
8.95
Range 2
Wakeup clock MSI = 24 MHz
8.5
9.54
Wakeup clock HSI16 = 16 MHz 7.75
8.95
Wakeup clock MSI = 4 MHz
12.06 13.16
Wake up time from Stop 2
mode to Run mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
5.45
6.79
Wakeup clock HSI16 = 16 MHz
6.9
7.98
Range 2
Wakeup clock MSI = 24 MHz
6.3
7.36
Wakeup clock HSI16 = 16 MHz
6.9
7.9
Wakeup clock MSI = 4 MHz
13.1 13.31
tWUSTBY
Wakeup time from Standby
mode to Run mode
Range 1
Wakeup clock MSI = 8 MHz
12.2 18.35
µs
Wakeup clock MSI = 4 MHz
19.14 25.8
tWUSTBY
SRAM2
Wakeup time from Standby
with SRAM2 to Run mode
Range 1
Wakeup clock MSI = 8 MHz
12.1
18.3
µs
Wakeup clock MSI = 4 MHz
19.2 25.87
tWUSHDN
Wakeup time from
Shutdown mode to Run
mode
Range 1
Wakeup clock MSI = 4 MHz
261.5 315.7
µs
1. Guaranteed by characterization results.
Table 51. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 52. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low-power run mode to
Run mode(2)
Code run with MSI 2 MHz
5
7
µs
tVOST
Regulator transition time from Range 2 to
Range 1 or Range 1 to Range 2(3)
Code run with MSI 24 MHz
20
40
1. Guaranteed by characterization results.
2. Time until REGLPF flag is cleared in PWR_SR2.
3. Time until VOSF flag is cleared in PWR_SR2.
Table 53. Wakeup time using USART/LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate the
maximum USART/LPUART baudrate
allowing to wakeup up from stop mode
when USART/LPUART clock source is
HSI16
Stop 0 mode
-
1.7
µs
Stop 1 mode and Stop 2
mode
-8.5
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com