Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 193 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 189Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 190Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 191Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 192Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 193Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 194Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 195Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 196Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 227 page
background image
DS11449 Rev 7
193/19
STM32L433xx
Electrical characteristics
194
Figure 42. SD default mode
USB characteristics
The STM32L433xx USB interface is fully compliant with the USB specification version 2.0
and is USB-IF certified (for Full-speed device operation).
CAN (controller area network) interface
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
ai14888
CK
D, CMD
(output)
tOVD
tOHD
Table 101. USB electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDUSB
USB transceiver operating voltage
3.0(2)
-3.6
V
Tcrystal_less USB crystal less operation temperature
-15
-
85
°
C
tSTARTUP(3) USB transceiver startup time
-
-
1.0
µs
RPUI
Embedded USB_DP pull-up value during idle
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up value during
reception
1400
2300
3200
ZDRV(3)
Output driver impedance(4)
Driving high
and low
28
36
44
Ω
1. TA = -40 to 125 °C unless otherwise specified.
2. The STM32L433xx USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics
which are degraded in the 2.7-to-3.0 V voltage range.
3. Guaranteed by design.
4. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching
impedance is already included in the embedded driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com