Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCI7 Datasheet(PDF) 196 Page - STMicroelectronics

No. de pieza STM32L433VCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCI7 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32L433VCI7 Datasheet HTML 192Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 193Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 194Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 195Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 196Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 197Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 198Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 199Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 227 page
background image
Package information
STM32L433xx
196/227
DS11449 Rev 7
7.2
LQFP100 package information
This LQFP is 100 lead, 14 x 14 mm low-profile quad flat package.
Note:
See list of notes in the notes section.
Figure 43. LQFP100 - Outline(15)
D1/4
E1/4
4x N/4 TIPS
aaa C A-B D
bbb H A-B D
4x
(N-4) x e
A
0.05
A2 A1
b
aaa
C A-BD
ccc C
C
D
D1
D
N
A
1
2
3
SECTION A-A
A
A
B
E
E1
SECTION A-A
GAUGE PLANE
B
B
H
E1/4
D1/4
L
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH PLATING
BASE METAL
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1L_LQFP100_ME_V3
(6)
(6)
(10)
2
(13)
(12)
(5)
(2)
(4)
(4)
(5)
(2)
(3)
(L1)
(9) (11)
(11)
(11)
(11)
(2)
(11)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com