Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCI7 Datasheet(PDF) 224 Page - STMicroelectronics

No. de pieza STM32L433VCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCI7 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STM32L433VCI7 Datasheet HTML 219Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 220Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 221Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 222Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 223Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 224Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 225Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 226Page - STMicroelectronics STM32L433VCI7 Datasheet HTML 227Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 224 / 227 page
background image
Revision history
STM32L433xx
224/227
DS11449 Rev 7
21-Apr-2017
3
(continued)
Added Table 36: Typical current consumption in Run
modes, with different codes running from flash, ART
disable and power supplied by external SMPS (VDD12
= 1.10 V).
Added Table 36: Typical current consumption in Run
modes, with different codes running from flash, ART
disable and power supplied by external SMPS (VDD12
= 1.10 V).
Added Table 37: Typical current consumption in Run
modes, with different codesrunning from flash, ART
disable and power supplied by external SMPS (VDD12
= 1.05 V).
Added Table 39: Typical current consumption in Run,
with different codesrunning from SRAM1 and power
supplied by external SMPS (VDD12 = 1.10 V).
Added Table 40: Typical current consumption in Run,
with different codesrunning from SRAM1 and power
supplied by external SMPS (VDD12 = 1.05 V).
Added Table 42: Current consumption in Sleep, flash
ON and power supplied by external SMPS (VDD12 =
1.10 V).
Updated Section 6.3.5: Supply current characteristics.
Updated Table 69: I/O current injection susceptibility.
Updated Table 70: I/O static characteristics.
Updated Section 6.3.18: Analog-to-Digital converter
characteristics.
Updated Table 82: DAC characteristics.
Added Ibias parameter on Table 85: COMP
characteristics.
Updated Section 7: Package information.
Updated Section 8: Ordering information.
12-Jun-2017
4
Added 1x LPUART on cover page.
Updated Reference Manual title when referring to
RM0394.
Updated Table 4: STM32L433xx modes overview.
Updated Figure 4: Clock tree.
Removed footnote in Table 15: STM32L433xx pin
definitions.
Updated Table 70: I/O static characteristics.
Added FADC min in Table 76: ADC characteristics.
Updated footnote below Table 32: Typical connection
diagram when using the ADC with FT/TT pins featuring
analog switch function.
Updated Table 104: UFBGA100 - Mechanical data.
Table 117. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com