Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCY7 Datasheet(PDF) 226 Page - STMicroelectronics

No. de pieza STM32L433VCY7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCY7 Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32L433VCY7 Datasheet HTML 219Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 220Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 221Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 222Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 223Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 224Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 225Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 226Page - STMicroelectronics STM32L433VCY7 Datasheet HTML 227Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 226 / 227 page
background image
Revision history
STM32L433xx
226/227
DS11449 Rev 7
01-Mar-2024
7
Updated Table 19: Voltage characteristics
Updated Table 66: EMI characteristics for fHSE = 8
MHz and fHCLK = 80 MHz
Updated Table 90: LCD controller characteristics
Updated Figure 31: ADC accuracy characteristics
Updated Figure 32: Typical connection diagram when
using the ADC with FT/TT pins featuring analog switch
function
Updated Section 7: Package information
Added general section for Section 7.1: Device marking
Removed Device marking from Section 7.2: LQFP100
package information, Section 7.3: UFBGA100 package
information, Section 7.4: LQFP64 package information,
Section 7.5: UFBGA64 package information,
Section 7.8: LQFP48 package information, Section 7.9:
UFQFPN48 package information
Table 117. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com