| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L433CBY7P Datasheet(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBY7P Datasheet(HTML) 156 Page - STMicroelectronics |
|
156 / 227 page ![]() Electrical characteristics STM32L433xx 156/19 DS11449 Rev 7 Table 77. Maximum ADC RAIN(1)(2) Resolution Sampling cycle @80 MHz Sampling time [ns] @80 MHz RAIN max (Ω) Fast channels(3) Slow channels(4) 12 bits 2.5 31.25 100 N/A 6.5 81.25 330 100 12.5 156.25 680 470 24.5 306.25 1500 1200 47.5 593.75 2200 1800 92.5 1156.25 4700 3900 247.5 3093.75 12000 10000 640.5 8006.75 39000 33000 10 bits 2.5 31.25 120 N/A 6.5 81.25 390 180 12.5 156.25 820 560 24.5 306.25 1500 1200 47.5 593.75 2200 1800 92.5 1156.25 5600 4700 247.5 3093.75 12000 10000 640.5 8006.75 47000 39000 8 bits 2.5 31.25 180 N/A 6.5 81.25 470 270 12.5 156.25 1000 680 24.5 306.25 1800 1500 47.5 593.75 2700 2200 92.5 1156.25 6800 5600 247.5 3093.75 15000 12000 640.5 8006.75 50000 50000 6 bits 2.5 31.25 220 N/A 6.5 81.25 560 330 12.5 156.25 1200 1000 24.5 306.25 2700 2200 47.5 593.75 3900 3300 92.5 1156.25 8200 6800 247.5 3093.75 18000 15000 640.5 8006.75 50000 50000 1. Guaranteed by design. |