| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L433CBY7P Datasheet(PDF) 210 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBY7P Datasheet(HTML) 210 Page - STMicroelectronics |
|
210 / 227 page ![]() Package information STM32L433xx 210/227 DS11449 Rev 7 Figure 55. WLCSP49 - Recommended footprint Table 111. WLCSP49 - Mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.525 0.555 0.585 0.0207 0.0219 0.0230 A1 - 0.175 - - 0.0069 - A2 - 0.380 - - 0.0150 - A3(2) 2. Back side coating - 0.025 - - 0.0010 - b(3) 3. Dimension is measured at the maximum bump diameter parallel to primary datum Z. 0.220 0.250 0.280 0.0087 0.0098 0.0110 D 3.106 3.141 3.176 0.1223 0.1237 0.1250 E 3.092 3.127 3.162 0.1217 0.1231 0.1245 e - 0.400 - - 0.0157 - e1 - 2.400 - - 0.0945 - e2 - 2.400 - - 0.0945 - F - 0.3705 - - 0.0146 - G - 0.3635 - - 0.0143 - aaa - - 0.100 - - 0.0039 bbb - - 0.100 - - 0.0039 ccc - - 0.100 - - 0.0039 ddd - - 0.050 - - 0.0020 eee - - 0.050 - - 0.0020 BGA_WLCSP_FT_V1 Dsm Dpad |