Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD34-24-31PT-059 Datasheet(PDF) 110 Page - TE Connectivity Ltd

No. de pieza HD34-24-31PT-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD34-24-31PT-059 Datasheet(HTML) 110 Page - TE Connectivity Ltd

Back Button HD34-24-31PT-059 Datasheet HTML 106Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 107Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 108Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 109Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 110Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 111Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 112Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 113Page - TE Connectivity Ltd HD34-24-31PT-059 Datasheet HTML 114Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 110
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, HDP20, used with L017, 24 shell, 90°, NW 17, 19, 23, & 26 mm tubing
2428-011-2405
Backshell, HDP20, used with L017, 24 shell, 180°, 1” tubing
2428-008-2405
Backshell, HDP20, used with L017, 24 shell, 180°, NW 17, 19, 23, & 26 mm tubing
2428-010-2405
Backshell, HDP20, used with L017, 18 shell, 90°, NW 13, 17, & 19 mm tubing
2428-015-1805
Backshell, HDP20, used with L017, 18 shell, 180°, NW 13, 17, & 19 mm tubing
2428-016-1805
Backshell, HDP20, used with L024, 24 shell, 180°, tie wrap end bell
2428-024-2405
Backshell, HDP20, used with L024, 18 shell, 180°, tie wrap end bell
2428-025-1805
HDSCS
Backshell, HDSCS, group A, 180°, NW 8.5 mm tubing
1670365-1
Backshell, HDSCS, group A, 90°, NW 8.5 mm tubing
1670150-1
Backshell, HDSCS, group B, 180°, universal clamp
965784-1
Backshell, HDSCS, group B, 90°, universal clamp
965576-1
Backshell, HDSCS, group B, 180°, NW 7.5 mm tubing
185792-1
Backshell, HDSCS, group B, 180°, NW 8.5 mm tubing
965785-1
Backshell, HDSCS, group B, 180°, NW 10 mm tubing
965786-1
Backshell, HDSCS, group B, 90°, NW 7.5 mm tubing
185793-1
Backshell, HDSCS, group B, 90°, NW 8.5 mm tubing
965577-1
Backshell, HDSCS, group B, 90°, NW 10 mm tubing
965783-1
Backshell, HDSCS, group B, 180°, 4 and 7 way, for hose
1534791-1
Backshell, HDSCS, group B, 90°, 4 and 7 way, for hose
1534789-1
Backshell, HDSCS, group B, 180°, 4 and 7 way, .205-.256 [5.2-6.5] jacketed cable
1418916-1
Backshell, HDSCS, group B, 180°, 4 and 7 way, .236-.374 [6.0-9.5] jacketed cable
1418917-1
Backshell, HDSCS, group B, 90°, 4 and 7 way, .205-.256 [5.2-6.5] jacketed cable
1418918-1
Backshell, HDSCS, group B, 90°, 4 and 7 way, .236-.374 [6.0-9.5] jacketed cable
1418919-1
Backshell, HDSCS, group C, 180°, NW 13 mm tubing
1670364-1
Backshell, HDSCS, group C, 90°, NW 13 mm tubing
1670057-1
Backshell, HDSCS, group D, 180°, NW 13 mm tubing
1563111-1
Backshell, HDSCS, group D, 90°, NW 13 mm tubing
1563110-1
Backshell, HDSCS, group E, 180°, NW 17 mm tubing and hose
1670866-1
Backshell, HDSCS, group E, 90°, NW 17 mm tubing and hose
1670865-1
LEAVYSEAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com