Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HDB36-24-31PT-059 Datasheet(PDF) 103 Page - TE Connectivity Ltd

No. de pieza HDB36-24-31PT-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-31PT-059 Datasheet(HTML) 103 Page - TE Connectivity Ltd

Back Button HDB36-24-31PT-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 100Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 101Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 102Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 103Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 104Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 105Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 106Page - TE Connectivity Ltd HDB36-24-31PT-059 Datasheet HTML 107Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 103
SECONDARY WEDGELOCKS
CAVITY
PART DESCRIPTION
PART NUMBER
COLOR
51
Lock, DRB, 102 way recept., A key, left
WB-51PAL
Gray
51
Lock, DRB, 102 way recept., A key, right
WB-51PAR
Gray
51
Lock, DRB, 102 way plug, A key, left
WB-51SAL
Gray
51
Lock, DRB, 102 way plug, A key, right
WB-51SAR
Gray
51
Lock, DRB, 102 way plug, B key, left
WB-51SBL
Black
51
Lock, DRB, 102 way plug, B key, right
WB-51SBR
Black
64
Lock, DRB, 128 way recept., A key
WB-64PA
Gray
64
Lock, DRB, 128 way recept., B key
WB-64PB
Black
64
Lock, DRB, 128 way plug, A key
WB-64SA
Gray
64
Lock, DRB, 128 way plug, B key
WB-64SB
Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com