Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

J1951M Datasheet(PDF) 3 Page - EPCOS

No. de pieza J1951M
Descripción Electrónicos  IF Filter for Intercarrier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

J1951M Datasheet(HTML) 3 Page - EPCOS

  J1951M Datasheet HTML 1Page - EPCOS J1951M Datasheet HTML 2Page - EPCOS J1951M Datasheet HTML 3Page - EPCOS J1951M Datasheet HTML 4Page - EPCOS J1951M Datasheet HTML 5Page - EPCOS J1951M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
J 1951 M
39,50 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
38,00 MHz
13,5
15,0
16,5
dB
following data
Relative attenuation
α
rel
Picture carrier
39,50 MHz
4,8
5,8
6,8
dB
Color carrier
35,07 MHz
2,8
3,8
4,8
dB
Sound carrier
33,50 MHz
21,1
22,1
23,1
dB
Adjacent picture carrier
31,50 MHz
48,0
60,0
dB
31,00 MHz
45,0
52,0
dB
32,00 MHz
45,0
52,0
dB
40,95 MHz
36,0
42,0
dB
Adjacent sound carrier
41,50 MHz
44,0
54,0
dB
Lower sidelobe
25,00
... 31,50 MHz
44,0
50,0
dB
Upper sidelobe
41,50
... 45,00 MHz
36,0
40,0
dB
Reflected wave signal suppression
1,0
µs ... 6,0 µs after main pulse
44,0
52,0
dB
(test pulse 250 ns,
carrier frequency 38,00 MHz)
Feedthrough signal suppression
0,9
µs ... 0,8 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 38,00 MHz)
Group delay ripple (p-p)
∆τ
—40
ns
Impedance at 38,00 MHz
Input:
ZIN
=
RIN
||
CIN
2,0 ||10,0
k
Ω || pF
Output:
ZOUT = ROUT || COUT
2,2 || 4,5
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K


Número de pieza similar - J1951M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
J1956M EPCOS-J1956M Datasheet
139Kb / 6P
TV IF filter with Nyquist slope and sound shelf
More results

Descripción similar - J1951M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
K2955M ETC-K2955M Datasheet
82Kb / 6P
IF Filter for Intercarrier Applications
K2971M ETC-K2971M Datasheet
82Kb / 6P
IF Filter for Intercarrier Applications
G1965M ETC1-G1965M Datasheet
91Kb / 8P
IF Filter for Intercarrier Applications
logo
EPCOS
K2962M EPCOS-K2962M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications
K2965M EPCOS-K2965M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications
G1963M EPCOS-G1963M Datasheet
87Kb / 6P
IF Filter for Intercarrier Applications
K2966M EPCOS-K2966M Datasheet
88Kb / 6P
IF Filter for Intercarrier Applications
M1871M EPCOS-M1871M Datasheet
86Kb / 6P
IF Filter for Intercarrier Applications
logo
Advanced Crystal Techno...
ACTK7033D ACT-ACTK7033D Datasheet
94Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
ACTK7044D ACT-ACTK7044D Datasheet
93Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com