Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM741EM Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza LM741EM
Descripción Electrónicos  SINGLE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM741EM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM741EM Datasheet HTML 1Page - Fairchild Semiconductor LM741EM Datasheet HTML 2Page - Fairchild Semiconductor LM741EM Datasheet HTML 3Page - Fairchild Semiconductor LM741EM Datasheet HTML 4Page - Fairchild Semiconductor LM741EM Datasheet HTML 5Page - Fairchild Semiconductor LM741EM Datasheet HTML 6Page - Fairchild Semiconductor LM741EM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM741/E/I
SINGLE OPERATIONAL AMPLIFIER
ABSOLUTE MAXIMUM RATINGS (TA=25
°°C)
ELECTRICAL CHARACTERISTICS
(VCC = 15V, VEE = - 15V. TA = 25
°C, unless otherwise specified)
Characteristic
Symbol
LM741
LM741E
LM741I
Unit
Supply Voltage
Differential Input Voltage
Input Voltage
Output Short Circuit Duration
Power Dissipation
Operating Temperature Range
Storage Temperature Range
VCC
VI(DIFF)
VI
PD
TOPR
TSTG
±18
30
±15
Indefinite
500
0 ~ + 70
-65 ~ + 150
±22
30
±15
Indefinite
500
0 ~ + 70
-65 ~ + 150
±18
30
±15
Indefinite
500
-40 ~ + 85
-65 ~ + 150
V
V
V
mW
°C
°C
LM741E
LM741/LM741I
Min
Typ
Max
Min
Typ
Max
RS
≤10KΩ
2.0
6.0
RS
≤50Ω
0.8
3.0
Input Offset Voltage
Adjustment Range
VIO(R)
VCC =
±20V
±10
±15
mV
Input Offset Current
IIO
3.0
30
20
200
nA
Input Bias Current
IBIAS
30
80
80
500
nA
Input Resistance
RI
VCC =
±20V
1.0
6.0
0.3
2.0
M
Input Voltage Range
VI(R)
±12
±13
±12
±13
V
VCC =
±20V,
VO(P.P) =
±15V
50
VCC =
±15V,
VO(P.P) =
±10V
20
200
Output Short Circuit Current
ISC
10
25
35
25
mA
RL
≥10KΩ
±16
RL
≥10KΩ
±15
RL
≥10KΩ
±12
±14
RL
≥10KΩ
±10
±13
RS
≤10KΩ, V
CM =
±12V
70
90
RS
≤50KΩ, V
CM =
±12V
80
95
VCC =
±15V to V
CC =
±15V
RS
≤50Ω
86
96
VCC =
±15V to V
CC =
±15V
RS
≤10KΩ
77
96
VCC =
±20V
VCC =
±15V
Large Signal Voltage Gain
GV
RL
≥2KΩ
Output Voltage Swing
VO(P.P)
Common Mode Rejection Ratio
CMRR
Power Supply Rejection Ratio
PSRR
Input Offset Voltage
VIO
Characteristic
Symbol
Test Conditions
Unit
mV
V/mV
V
dB
dB


Número de pieza similar - LM741EM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM741EH NSC-LM741EH Datasheet
213Kb / 8P
Operational Amplifier
May 1998
LM741EN NSC-LM741EN Datasheet
213Kb / 8P
Operational Amplifier
May 1998
More results

Descripción similar - LM741EM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
Single Operational Amplifier
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com