| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G2N Datasheet(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2N Datasheet(HTML) 151 Page - Renesas Technology Corp |
|
151 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 3. Electrical Characteristics R01DS0483EJ0101 Rev.1.01 Page 151 of 169 Jun 30, 2025 Figure 3.32.14 MDQ/MDM Output Timing relative to MDQ (write) Figure 3.32.15 MDQS Input Timing relative to MCK Output (read) tWDS MpDQS[3:0] (solid dark line) MpDQS[3:0]# (dotted line) tWDS tWDH tWDH tWDIPW tWDIPW MpDM[3:0] MpDQ[31:0] Note: "p" runs the following values: from 0 to 1 for RZ/G2H, RZ/G2M V1.3 and RZ/G2M V3.0 0 for RZ/G2N MpDQS[3:0] (solid dark line) MpDQS[3:0]# (dotted line) tRDQSCK (min.) MpDQS[3:0] (solid dark line) MpDQS[3:0]# (dotted line) tRDQSCK (max.) tRDQSCK (min.) Read-1 CAS-2 RL** tRDQSCK (max.) Note: "p" runs the following values: from 0 to 1 for RZ/G2N, RZ/GM V1.3 and RZ/G2M V3.0 0 for RZ/G2N * MpCA[15:10] are available for only RZ/G2M V1.3 and RZ/G2N depending on configuration. ** RL depends on the setting of DBSC4 register. MpCKA#, MpCKB# MpCKA, MpCKB MpCA[15:10] *, MpCA[5:0], MpCS[1:0]A#, MpCS[1:0]B# |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |