Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

F39-LP Datasheet(PDF) 157 Page - Omron Electronics LLC

No. de pieza F39-LP
Descripción Electrónicos  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 157 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 153Page - Omron Electronics LLC F39-LP Datasheet HTML 154Page - Omron Electronics LLC F39-LP Datasheet HTML 155Page - Omron Electronics LLC F39-LP Datasheet HTML 156Page - Omron Electronics LLC F39-LP Datasheet HTML 157Page - Omron Electronics LLC F39-LP Datasheet HTML 158Page - Omron Electronics LLC F39-LP Datasheet HTML 159Page - Omron Electronics LLC F39-LP Datasheet HTML 160Page - Omron Electronics LLC F39-LP Datasheet HTML 161Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 164 page
background image
F3W-MA
157
Mounted with Standard Fixed Brackets (F39-LGF)
Backside Mounting
2-M5 or M6
2-M5 or M6
35
9.2
Standard
Fixed Bracket
(F39-LGF)
Standard
Fixed Bracket
(F39-LGF)
35
40
24.85
24.85
< Screw: M5 or M6 >
*1. The number of brackets required to mount either one of emitter and receiver.
*2. Mounting an emitter or receiver with one bracket is possible. In this case, locate
this bracket at half the Dimension A (or at the center of the sensor length).
Model
F3W-MA0100P
F3W-MA0300P
Dimension A
208
448
Dimension C1
190
430
Dimension D
140
380
Dimension P
20
20
Number of Standard
Fixed Brackets *1
2 *2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More