Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST72652 Datasheet(PDF) 141 Page - STMicroelectronics

No. de pieza ST72652
Descripción Electrónicos  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72652 Datasheet HTML 137Page - STMicroelectronics ST72652 Datasheet HTML 138Page - STMicroelectronics ST72652 Datasheet HTML 139Page - STMicroelectronics ST72652 Datasheet HTML 140Page - STMicroelectronics ST72652 Datasheet HTML 141Page - STMicroelectronics ST72652 Datasheet HTML 142Page - STMicroelectronics ST72652 Datasheet HTML 143Page - STMicroelectronics ST72652 Datasheet HTML 144Page - STMicroelectronics ST72652 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 166 page
background image
ST7265x
141/166
EMC CHARACTERISTICS (Cont’d)
True Open Drain Pin Protection
The centralized protection (4) is not involved in the
discharge of the ESD stresses applied to true
open drain pads due to the fact that a P-Buffer and
diode to VDD are not implemented. An additional
local protection between the pad and VSS (5a &
5b) is implemented to completely absorb the posi-
tive ESD discharge.
Multisupply Configuration
When several types of ground (VSS, VSSA, ...) and
power supply (VDD, VDDA, ...) are available for any
reason (better noise immunity...), the structure
shown in Figure 86 is implemented to protect the
device against ESD.
Figure 84. Positive Stress on a True Open Drain Pad vs. VSS
Figure 85. Negative Stress on a True Open Drain Pad vs. VDD
Figure 86. Multisupply Configuration
IN
VDD
VSS
(1)
(2b)
(4)
OUT
VDD
VSS
(3b)
Main path
Path to avoid
(5a)
(5b)
IN
VDD
VSS
(1)
(2b)
(4)
OUT
VDD
VSS
(3b)
Main path
(3b)
(3b)
VDDA
VSSA
VDDA
VDD
VSS
BACK TO BACK DIODE
BETWEEN GROUNDS
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More