| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72C171K2M Datasheet(PDF) 149 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72C171K2M Datasheet(HTML) 149 Page - STMicroelectronics |
|
149 / 152 page ![]() ST72C171 149/152 11.3 DEVELOPMENT TOOLS STmicroelectronics offers a range of hardware and software development tools for the ST7 micro- controller family. Full details of tools available for the ST7 from third party manufacturers can be ob- tain from the STMicroelectronics Internet site: http//mcu.st.com. Third Party Tools s ACTUM s BP s COSMIC s CMX s DATA I/O s HITEX s HIWARE s ISYSTEM s KANDA s LEAP Tools from these manufacturers include C compli- ers, emulators and gang programmers. STMicroelectronics Tools Two types of development tool are offered by ST, all of them connect to a PC via a parallel (LPT) port: see Table 27 and Table 28 for more details. Table 27. STMicroelectronic Tool Features Table 28. Dedicated STMicroelectronics Development Tools Note: 1. In-Situ Programming (ISP) interface for FLASH devices. In-Circuit Emulation Programming Capability1) Software Included ST7 HDS2 Emulator Yes, powerful emulation features including trace/ logic analyzer No ST7 CD ROM with: – ST7 Assembly toolchain – STVD7 and WGDB7 powerful Source Level Debugger for Win 3.1, Win 95 and NT – C compiler demo versions – ST Realizer for Win 3.1 and Win 95. – Windows Programming Tools for Win 3.1, Win 95 and NT ST7 Programming Board No Yes (All packages),support also ISP 1) Supported Product ST7 HDS2 Emulator ST7 Programming Board ST72C171K2, ST7MDT6-EMU2B ST7MDT6-EPB2/EU ST7MDT6-EPB2/US ST7MDT6-EPB2/UK |