| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7265AR4M0 Datasheet(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7265AR4M0 Datasheet(HTML) 141 Page - STMicroelectronics |
|
141 / 166 page ![]() ST7265x 141/166 EMC CHARACTERISTICS (Cont’d) True Open Drain Pin Protection The centralized protection (4) is not involved in the discharge of the ESD stresses applied to true open drain pads due to the fact that a P-Buffer and diode to VDD are not implemented. An additional local protection between the pad and VSS (5a & 5b) is implemented to completely absorb the posi- tive ESD discharge. Multisupply Configuration When several types of ground (VSS, VSSA, ...) and power supply (VDD, VDDA, ...) are available for any reason (better noise immunity...), the structure shown in Figure 86 is implemented to protect the device against ESD. Figure 84. Positive Stress on a True Open Drain Pad vs. VSS Figure 85. Negative Stress on a True Open Drain Pad vs. VDD Figure 86. Multisupply Configuration IN VDD VSS (1) (2b) (4) OUT VDD VSS (3b) Main path Path to avoid (5a) (5b) IN VDD VSS (1) (2b) (4) OUT VDD VSS (3b) Main path (3b) (3b) VDDA VSSA VDDA VDD VSS BACK TO BACK DIODE BETWEEN GROUNDS VSSA |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |