Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADE5169ASTZF62-RL Datasheet(PDF) 117 Page - Analog Devices

No. de pieza ADE5169ASTZF62-RL
Descripción Electrónicos  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62-RL Datasheet(HTML) 117 Page - Analog Devices

Back Button ADE5169ASTZF62-RL Datasheet HTML 113Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 114Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 115Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 116Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 117Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 118Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 119Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 120Page - Analog Devices ADE5169ASTZF62-RL Datasheet HTML 121Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 117 of 148
Address
RTCPTR[4:0]
Mnemonic
R/W
Length
Signed/
Unsigned
Default
Value
Description
0x11
XTALG1
R/W
8
U
0
Least significant byte of frequency coefficient for crystal
temperature compensation (see Table 128).
0x12
XTALG2
R/W
8
U
0
Most significant byte of frequency coefficient for crystal
temperature compensation (see Table 129)
Table 127. RTC Calibration Configuration Register (RTC_CAL, 0x0F)
Bit
Mnemonic
Default
Description
7
Reserved
0
This bit should be kept cleared for proper operation.
6
CAL_EN
0
RTC calibration enable output.
CAL_EN
Result
0
The RTC calibration output signal is disabled.
1
The RTC calibration output signal is enabled and present on the pins selected by
the RTC_CAL[3:0] bits.
5 to 4
FSEL[1:0]
0
RTC calibration output frequency selection.
FSEL[1:0]
Frequency
Calibration window
00
1 Hz
30.5 seconds
01
512 Hz
30.5 seconds
10
500 Hz
0.244 second
11
16.384kHz
0.244 second
3
RTC_P2P3
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on P2.3/SDEN/TxD2.
2
RTC_P1P2
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on P1.2/FP25.
1
RTC_P0P7
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on P0.7/SS/T1/RxD2.
0
RTC_P0P5
0
When this bit is set and the CAL_EN bit is set, the RTC output is present on P0.5/MISO/ZX.
Table 128. Crystal Gain Register MSB ( (XTALG2, 0x12)
Bit
Mnemonic
Default
Description
7
AUTOCOMPEN
0
Automatic crystal temperature compensation enable. Setting this bit to one enables the
automatic compensation.
6 to 0
XTALGain[6:0]
0
Upper seven bits of crystal temperature coefficient.
Table 129. Crystal Gain Register LSB (XTALG1, 0x11)
Bit
Mnemonic
Default
Description
7 to 0
XTALGain[14:7]
0
Least significant byte of crystal temperature coefficient.
RTC CALENDAR
The RTC has a full calendar taking into account leap years. The rollover of the date to increment the month is implemented following Table 130.
Table 130. Month Rollover
MONTH Register
Rollover Value
Estimated Month
0x01
31
January
0x02
28 or 29 days (see Table 131)
February
0x03
31
March
0x04
30
April
0x05
31
May
0x06
30
June
0x07
31
July
0x08
31
August
0x09
30
September
0x0A
31
October
0x0B
30
November
0x0C
31
December



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com