Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC48F4400PLRB0 Datasheet(PDF) 101 Page - Numonyx B.V

No. de pieza PC48F4400PLRB0
Descripción Electrónicos  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400PLRB0 Datasheet(HTML) 101 Page - Numonyx B.V

Back Button PC48F4400PLRB0 Datasheet HTML 94Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 95Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 96Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 97Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 98Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 99Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 100Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 101Page - Numonyx B.V PC48F4400PLRB0 Datasheet HTML 102Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
101
Numonyx™ Wireless Flash Memory (W18)
Table 52: NOR Flash Family Decoder
Code
Family
Marketing Name
C
C3
Numonyx Advanced+ Boot Block Flash Memory
J
J3v.D
Numonyx Embedded Flash Memory
L
L18 / L30
Numonyx StrataFlash® Wireless Memory
M
M18
Numonyx StrataFlash® Cellular Memory
P
P30 / P33
Numonyx StrataFalsh® Embedded Memory
W
W18 / W30
Numonyx Wireless Flash Memory
0(zero)
-
No Die
Table 53: Voltage / NOR Flash CE# Configuration Decoder
Code
I/O Voltage
(Volt)
Core Voltage (Volt)
CE# Configuration
Z
3.0
1.8
Seperate Chip Enable per die
Y
1.8
1.8
Seperate Chip Enable per die
X
3.0
3.0
Seperate Chip Enable per die
V
3.0
1.8
Virtual Chip Enable
U
1.8
1.8
Virtual Chip Enable
T
3.0
3.0
Virtual Chip Enable
R3.0
1.8
Virtual Address
Q1.8
1.8
Virtual Address
P3.0
3.0
Virtual Address
Table 54: Parameter / Mux Configuration Decoder
Code, Mux
Identification
Number of Flash Die
Bus Width
Flash Die 1
Flash Die 2
Flash Die 3
Flash Die 4
0 = Non Mux
1 = AD Mux1
2= AAD Mux
3 =Full" AD
Mux2
Any
NA
Notation used for stacks that contain no parameter blocks
B = Non Mux
C = AD Mux
F = "Full" Ad
Mux
1
X16
Bottom
---
2
Bottom
Top
-
-
3
Bottom
Bottom
Top
-
4
Bottom
Top
Bottom
Top
2
X32
Bottom
Bottom
-
-
4
Bottom
Bottom
Top
Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com