| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 393 Page - Renesas Technology Corp |
|
393 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 341 of 1102 REJ09B0294-0100 Table 7.3 Settings and Areas of Extended Repeat Area SARA4 to SARA0 or DARA4 to DARA0 Extended Repeat Area 00000 Not specified 00001 2 bytes specified as extended repeat area by the lower 1 bit of the address 00010 4 bytes specified as extended repeat area by the lower 2 bits of the address 00011 8 bytes specified as extended repeat area by the lower 3 bits of the address 00100 16 bytes specified as extended repeat area by the lower 4 bits of the address 00101 32 bytes specified as extended repeat area by the lower 5 bits of the address 00110 64 bytes specified as extended repeat area by the lower 6 bits of the address 00111 128 bytes specified as extended repeat area by the lower 7 bits of the address 01000 256 bytes specified as extended repeat area by the lower 8 bits of the address 01001 512 bytes specified as extended repeat area by the lower 9 bits of the address 01010 1 kbyte specified as extended repeat area by the lower 10 bits of the address 01011 2 kbytes specified as extended repeat area by the lower 11 bits of the address 01100 4 kbytes specified as extended repeat area by the lower 12 bits of the address 01101 8 kbytes specified as extended repeat area by the lower 13 bits of the address 01110 16 kbytes specified as extended repeat area by the lower 14 bits of the address 01111 32 kbytes specified as extended repeat area by the lower 15 bits of the address 10000 64 kbytes specified as extended repeat area by the lower 16 bits of the address 10001 128 kbytes specified as extended repeat area by the lower 17 bits of the address 10010 256 kbytes specified as extended repeat area by the lower 18 bits of the address 10011 512 kbytes specified as extended repeat area by the lower 19 bits of the address 10100 1 Mbyte specified as extended repeat area by the lower 20 bits of the address 10101 2 Mbytes specified as extended repeat area by the lower 21 bits of the address 10110 4 Mbytes specified as extended repeat area by the lower 22 bits of the address 10111 8 Mbytes specified as extended repeat area by the lower 23 bits of the address 11000 16 Mbytes specified as extended repeat area by the lower 24 bits of the address 11001 32 Mbytes specified as extended repeat area by the lower 25 bits of the address 11010 64 Mbytes specified as extended repeat area by the lower 26 bits of the address 11011 128 Mbytes specified as extended repeat area by the lower 27 bits of the address 111 ×× Setting prohibited [Legend] ×: Don't care |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |