| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 552 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 552 Page - Renesas Technology Corp |
|
552 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 500 of 1102 REJ09B0294-0100 Input/output pins TIOCA3 TIOCB3 TIOCC3 TIOCD3 TIOCA4 TIOCB4 TIOCA5 TIOCB5 Clock input P φ/1 P φ/4 P φ/16 P φ/64 P φ/256 P φ/1024 P φ/4096 TCLKA TCLKB TCLKC TCLKD Input/output pins TIOCA0 TIOCB0 TIOCC0 TIOCD0 TIOCA1 TIOCB1 TIOCA2 TIOCB2 Interrupt request signals Channel 3: Channel 4: Channel 5: Interrupt request signals Channel 0: Channel 1: Channel 2: Internal data bus A/D conversion start request signal PPG output trigger signal TGI3A TGI3B TGI3C TGI3D TCI3V TGI4A TGI4B TCI4V TCI4U TGI5A TGI5B TCI5V TCI5U TGI0A TGI0B TGI0C TGI0D TCI0V TGI1A TGI1B TCI1V TCI1U TGI2A TGI2B TCI2V TCI2U Channel 3: Channel 4: Channel 5: Internal clock: External clock: Channel 0: Channel 1: Channel 2: [Legend] TSTR: Timer start register TSYR: Timer synchronous register TCR: Timer control register TMDR: Timer mode register TIOR (H, L): Timer I/O control registers (H, L) TIER: Timer interrupt enable register TSR: Timer status register TGR (A, B, C, D): Timer general registers (A, B, C, D) TCNT: Timer counter Figure 10.1 Block Diagram of TPU |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |