| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 611 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 611 Page - Renesas Technology Corp |
|
611 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 559 of 1102 REJ09B0294-0100 (b) Phase counting mode 2 Figure 10.26 shows an example of phase counting mode 2 operation, and table 10.34 summarizes the TCNT up/down-count conditions. Time Down-count Up-count TCNT value TCLKA (channels 1 and 5) TCLKC (channels 2 and 4) TCLKB (channels 1 and 5) TCLKD (channels 2 and 4) Figure 10.26 Example of Phase Counting Mode 2 Operation Table 10.34 Up/Down-Count Conditions in Phase Counting Mode 2 TCLKA (Channels 1 and 5) TCLKC (Channels 2 and 4) TCLKB (Channels 1 and 5) TCLKD (Channels 2 and 4) Operation High level Don't care Low level Don't care Low level Don't care High level Up-count High level Don't care Low level Don't care High level Don't care Low level Down-count [Legend] : Rising edge : Falling edge |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |