| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 733 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 733 Page - Renesas Technology Corp |
|
733 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 681 of 1102 REJ09B0294-0100 15.3.9 Bit Rate Register (BRR) BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control independently for each channel, different bit rates can be set for each channel. Table 15.2 shows the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and clocked synchronous mode, and smart card interface mode. The initial value of BRR is H'FF, and it can be read from or written to by the CPU at all times. Table 15.3 Relationships between N Setting in BRR and Bit Rate B Mode ABCS Bit Bit Rate Error 0 B = − 1 64 × 2 × B 2n – 1 P φ × 106 Error (%) = { – 1 } × 100 B × 64 × 2 × (N + 1) 2n – 1 P φ × 106 Asynchronous mode 1 B = − 1 32 × 2 × B 2n – 1 P φ × 106 Error (%) = { – 1 } × 100 B × 32 × 2 × (N + 1) 2n – 1 P φ × 106 Clocked synchronous mode N = − 1 8 × 2 × B 2n – 1 P φ × 106 Smart card interface mode N = − 1 S × 2 × B P φ × 106 2n + 1 Error (%) = B × S × 2 × (N + 1) – 1 × 100 2n + 1 P φ × 106 { } [Legend] B: Bit rate (bit/s) N: BRR setting for baud rate generator (0 ≤ N ≤ 255) P φ: Operating frequency (MHz) n and S: Determined by the SMR settings shown in the following table. SMR Setting SMR Setting CKS1 CKS0 n BCP1 BCP0 S 0 0 0 0 0 32 0 1 1 0 1 64 1 0 2 1 0 372 1 1 3 1 1 256 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |