| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 804 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 804 Page - Renesas Technology Corp |
|
804 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 752 of 1102 REJ09B0294-0100 Figure 16.1 shows the block diagram of the USB. Peripheral bus Interrupt requests Status and control registers FIFO UDC Transceiver USB function module D+ D- Clock for USB (48 MHz) UDC: USB device controller [Legend] Figure 16.1 Block Diagram of USB 16.2 Input/Output Pins Table 16.1 shows the USB pin configuration. Table 16.1 Pin Configuration Pin Name I/O Function VBUS Input USB cable connection monitor pin USD+ I/O USB data I/O pin USD- I/O USB data I/O pin DrVcc Input Power supply pin for USB on-chip transceiver DrVss Input Ground pin for USB on-chip transceiver |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |