| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 851 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 851 Page - Renesas Technology Corp |
|
851 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 799 of 1102 REJ09B0294-0100 (4) Status Stage (Control-In) USB function Application OUT token reception 0-byte reception from host End of control transfer Set EP0o reception complete flag (IFR0.EP0o TS = 1) Clear EP0o reception complete flag (IFR0.EP0o TS = 0) Write 1 to EP0o read complete bit (TRG.EP0o RDFN = 1) End of control transfer ACK Interrupt request Figure 16.13 Status Stage (Control-In) Operation The control-in status stage starts with an OUT token from the host. The application receives 0- byte data from the host, and ends control transfer. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |