| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 961 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 961 Page - Renesas Technology Corp |
|
961 / 1158 page ![]() Section 21 Flash Memory (0.18- µm F-ZTAT Version) Rev.1.00 Jun. 07, 2006 Page 909 of 1102 REJ09B0294-0100 (2) State Transition Diagram The state transition after USB boot mode is initiated is shown in figure 21.10. Boot mode initiation (reset by boot mode) All user MAT erasure Enumeration Inquiry command reception Inquiry command response H'55 reception Processing of inquiry setting command Wait for inquiry setting command Read/check command reception Command response (Programming completion) (Program selection command reception) (Erasure com pletion) (Erasure se lec tion command reception) (Program data transmission) Processing of read/check command Wait for inquiry programming/erasing command Wait for inquiry programming/erasing command Wait for inquiry programming/erasing command 1. 2. 3. 4. (Erase-block specification) Figure 21.10 USB Boot Mode State Transition Diagram |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |