| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 1023 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 1023 Page - Renesas Technology Corp |
|
1023 / 1158 page ![]() Section 23 Power-Down Modes Rev.1.00 Jun. 07, 2006 Page 971 of 1102 REJ09B0294-0100 Section 23 Power-Down Modes This LSI has power consumption reduction functions, such as multi-clock function, module stop function, and transition function to power-down mode. 23.1 Features • Multi-clock function • The frequency division ratio is settable independently for the system clock, peripheral module clock, and external bus clock. • The system clock, peripheral module clock, and external bus clock can be uniformly set to the 32.768 kHz subclock. • Module stop function The functions for each peripheral modules can be stopped to make a transition to a power- down mode. • Transition function to power-down mode Transition to a power-down mode is possible to stop the CPU, peripheral modules, and oscillator. • Four power-down modes Sleep mode All-module-clock-stop mode Software standby mode Hardware standby mode |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |