Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8SX1663 Datasheet(PDF) 1029 Page - Renesas Technology Corp

No. de pieza H8SX1663
Descripción Electrónicos  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1029 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1025Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1026Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1027Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1028Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1029Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1030Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1031Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1032Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1033Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1029 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 977 of 1102
REJ09B0294-0100
• MSTPCRB
Bit
Bit Name
Initial Value
R/W
15
MSTPB15
1
R/W
14
MSTPB14
1
R/W
13
MSTPB13
1
R/W
12
MSTPB12
1
R/W
11
MSTPB11
1
R/W
10
MSTPB10
1
R/W
9
MSTPB9
1
R/W
8
MSTPB8
1
R/W
Bit
Bit Name
Initial Value
R/W
7
MSTPB7
1
R/W
6
MSTPB6
1
R/W
5
MSTPB5
1
R/W
4
MSTPB4
1
R/W
3
MSTPB3
1
R/W
2
MSTPB2
1
R/W
1
MSTPB1
1
R/W
0
MSTPB0
1
R/W
• MSTPCRA
Bit
Bit Name
Initial
Value
R/W
Module
15
ACSE
0
R/W
All-Module-Clock-Stop Mode Enable
Enables/disables all-module-clock-stop mode for
reducing current consumption by stopping the bus
controller and I/O ports operations when the CPU
executes the SLEEP instruction after the module stop
state has been set for all the on-chip peripheral modules
controlled by MSTPCR.
0: All-module-clock-stop mode disabled
1: All-module-clock-stop mode enabled
14
MSTPA14
0
R/W
Reserved
13
MSTPA13
0
R/W
DMA controller (DMAC)
12
MSTPA12
0
R/W
Data transfer controller (DTC)
11
10
MSTPA11
MSTPA10
1
1
R/W
R/W
Reserved
These bits are always read as 1. The write value should
always be 1.
9
MSTPA9
1
R/W
8-bit timer (TMR_3 and TMR_2)
8
MSTPA8
1
R/W
8-bit timer (TMR_1 and TMR_0)
7
6
MSTPA7
MSTPA6
1
1
R/W
R/W
Reserved
These bits are always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com