| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 1147 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 1147 Page - Renesas Technology Corp |
|
1147 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page 1095 of 1102 REJ09B0294-0100 Index Numerics φ clock output control ............................. 992 0-output/1-output .................................... 540 16-bit access space.................................. 190 16-bit counter mode................................ 628 16-bit timer pulse unit (TPU).................. 497 32K timer (TM32K) ............................... 637 8-bit access space.................................... 189 8-bit timers (TMR) ................................. 605 A A/D conversion accuracy........................ 861 A/D converter ......................................... 849 Absolute accuracy................................... 861 Acknowledge .......................................... 833 Address error ............................................ 84 Address map ............................................. 73 Address modes........................................ 343 Address/data multiplexed I/O interface .......................................... 182, 218 All-module-clock-stop mode .................. 972 Area 0 ..................................................... 184 Area 1 ..................................................... 185 Area 2 ..................................................... 185 Area 3 ..................................................... 186 Area 4 ..................................................... 186 Area 5 ..................................................... 187 Area 6 ..................................................... 188 Area 7 ..................................................... 188 Area division........................................... 177 Asynchronous mode ............................... 698 AT-cut parallel-resonance type............... 963 Available output signal and settings in each port ............................................. 476 Average transfer rate generator............... 654 B Basic bus interface .......................... 181, 192 Big endian ............................................... 180 Bit rate..................................................... 681 Bit synchronous circuit ........................... 847 Block diagram............................................. 2 Block structure ........................................ 879 Block transfer mode........................ 349, 417 Boot mode....................................... 877, 903 Buffer operation ...................................... 545 Bulk-in transfer ....................................... 802 Bulk-out transfer ..................................... 801 Burst access mode................................... 355 Burst ROM interface....................... 181, 213 Bus access modes.................................... 354 Bus arbitration......................................... 311 Bus configuration.................................... 168 Bus controller (BSC)............................... 131 Bus cycle division ................................... 411 Bus release .............................................. 304 Bus width ................................................ 180 Byte control SRAM interface ......... 181, 205 C Cascaded connection............................... 628 Cascaded operation ................................. 549 Chain transfer.......................................... 418 Chip select signals................................... 178 Clock pulse generator.............................. 957 Clock synchronization cycle (Tsy).......... 170 Clocked synchronous mode .................... 715 Communications protocol....................... 932 Compare match A ................................... 626 Compare match B ................................... 627 Compare match count mode ................... 629 Compare match signal............................. 626 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |