Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2463 Datasheet(PDF) 221 Page - Renesas Technology Corp

No. de pieza H8S/2463
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2463 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button H8S/2463 Datasheet HTML 217Page - Renesas Technology Corp H8S/2463 Datasheet HTML 218Page - Renesas Technology Corp H8S/2463 Datasheet HTML 219Page - Renesas Technology Corp H8S/2463 Datasheet HTML 220Page - Renesas Technology Corp H8S/2463 Datasheet HTML 221Page - Renesas Technology Corp H8S/2463 Datasheet HTML 222Page - Renesas Technology Corp H8S/2463 Datasheet HTML 223Page - Renesas Technology Corp H8S/2463 Datasheet HTML 224Page - Renesas Technology Corp H8S/2463 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 173 of 1198
REJ09B0403-0200
7.3.1
Event Counter Handling Priority
EVENT0 to EVENT15 count handling is operated in the priority shown as below.
High
Low
EVENT0
> EVENT1 ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ ⋅ EVENT14 > EVENT15
7.3.2
Usage Notes
There are following usage notes for this event counter because it uses the DTC.
1.
Continuous events that are input from the same pin and out of DTC handling are ignored
because the count up is operated by means of the DTC.
2.
If some events are generated in short intervals, the priority of event counter handling is not
ordered and events are not handled in order of arrival.
3.
If the counter overflows, this event counter counts from H'0000 without generating an
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More