| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SH7708 Datasheet(PDF) 611 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Datasheet(HTML) 611 Page - Renesas Technology Corp |
|
611 / 633 page ![]() 593 Table A.13 Pin States (PCMCIA/Little-Endian) (cont) PCMCIA Memory Interface (Area 6) PCMCIA/IO Interface (Area 6) 8-Bit Bus Width 16-Bit Bus Width 8-Bit Bus Width 16-Bit Bus Width Pin Byte/ Word/ Long- word Access Byte Access (Ad- dress 2n) Byte Access (Ad- dress 2n + 1) Word/ Long- word Access Byte/ Word/ Long- word Access Byte Access (Ad- dress 2n) Byte Access (Ad- dress 2n + 1) Word/ Long- word Access CS6 to CS0 Enabled Enabled High Enabled Enabled Enabled High Enabled RD R Low Low Low Low High High High High W High High High High High High High High RD/ WR R High High High High High High High High W Low Low Low Low Low Low Low Low BS Enabled Enabled Enabled Enabled Enabled Enabled Enabled Enabled RAS/CE High High High High High High High High CAS/CASLL/OE High High High High High High High High CASLH High High High High High High High High CASHL/CAS2L High High High High High High High High CASHH/CAS2H High High High High High High High High DQMLL/ WE0 R High High High High High High High High W High High High High High High High High DQMLU/ WE1 R High High High High High High High High W Low Low Low Low High High High High DQMUL/ WE2/ICIORD R High High High High Low Low Low Low W High High High High High High High High DQMUU/ WE3/ICIOWR R High High High High High High High High W High High High High Low Low Low Low MD3/ CE2A High-Z or high*1 High-Z or high*1 High-Z or high*1 High-Z or high*1 High-Z or high*1 High-Z or high*1 High-Z or high*1 High-Z or high*1 MD4/ CE2B High High Low Low High High Low Low MD5/ RAS2 High-Z or high*3 High-Z or high*3 High-Z or high*3 High-Z or high*3 High-Z or high*3 High-Z or high*3 High-Z or high*3 High-Z or high*3 CKE Disabled Disabled Disabled Disabled Disabled Disabled Disabled Disabled WAIT Enabled*4 Enabled*4 Enabled*4 Enabled*4 Enabled*4 Enabled*4 Enabled*4 Enabled*4 IOIS16 Disabled Disabled Disabled Disabled Disabled Disabled Enabled Enabled A25 to A0 Address Address Address Address Address Address Address Address |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |