| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SH7708 Datasheet(PDF) 629 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Datasheet(HTML) 629 Page - Renesas Technology Corp |
|
629 / 633 page ![]() 611 Table B.3 Register States in Reset and Power-Down States (cont) Reset States Power-Down States Module Register Power-On Manual Standby Sleep SCI SCSMR H'00 H'00 H'00 H'00*10 SCBRR H'FF H'FF H'FF H'FF*10 SCSCR H'00 H'00 H'00 H'00*10 SCTDR H'FF H'FF H'FF H'FF*10 SCSSR H'84 H'84 H'84 H'84*10 SCRDR H'00 H'00 H'00 H'00*10 SCSPTR Initialized*9 Held Held Held SCSCMR Initialized*11 Initialized*11 Initialized*11 Initialized*11 Notes: 1. MD = 1, RB = 1, BL = 1, I3–I0 = B'1111 M, Q, S, T are undefined. 2. The SV bit is undefined, other bits = 0. 3. H'8000: NMI pin is high / H'0000: NMI pin is low. 4. Initialized in a power-on reset via the RESET pin. Held in a power-on reset via the WDT. 5. Depends on the count clock mode. 6. Only the ENB bit is cleared. 7. CF bit is undefined, other bits = 0. 8. RTCEN and START are held, other bits = 0. 9. Bits 2 and 0 are undefined, other bits = 0 10. Held when SCI is operating, initialized when SCI is not used. 11. Bits 0, 2, and 3 are cleared, other bits are undefined. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |