Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATMEGA329P Datasheet(PDF) 12 Page - ATMEL Corporation

No. de pieza ATMEGA329P
Descripción Electrónicos  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA329P Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATMEGA329P_08 Datasheet HTML 8Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 9Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 10Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 11Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 12Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 13Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 14Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 15Page - ATMEL Corporation ATMEGA329P_08 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
8021DS–AVR–06/08
ATmega329P/3290P
(0x85)
TCNT1H
Timer/Counter1 High
135
(0x84)
TCNT1L
Timer/Counter1 Low
135
(0x83)
Reserved
-
-
-
-
-
-
-
-
(0x82)
TCCR1C
FOC1A
FOC1B
-
-
-
-
-
-134
(0x81)
TCCR1B
ICNC1
ICES1
-
WGM13
WGM12
CS12CS11CS10
133
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
-
-WGM11
WGM10
131
(0x7F)
DIDR1
-
-
-
-
-
-
AIN1D
AIN0D
209
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
226
(0x7D)
Reserved
-
-
-
-
-
-
-
-
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
222
(0x7B)
ADCSRB
-ACME
-
-
-
ADTS2
ADTS1
ADTS0
208/225
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
224
(0x79)
ADCH
ADC Data Register High
225
(0x78)
ADCL
ADC Data Register Low
225
(0x77)
Reserved
-
-
-
-
-
-
-
-
(0x76)
Reserved
-
-
-
-
-
-
-
-
(0x75)
Reserved
-
-
-
-
-
-
-
-
(0x74)
Reserved
-
-
-
-
-
-
-
-
(0x73)
PCMSK3
-
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
61
(0x72)
Reserved
-
-
-
-
-
-
-
-
(0x71)
Reserved
-
-
-
-
-
-
-
-
(0x70)
TIMSK2
-
-
-
-
-
-
OCIE2A
TOIE2
155
(0x6F)
TIMSK1
-
-ICIE1
-
-
OCIE1B
OCIE1A
TOIE1
136
(0x6E)
TIMSK0
-
-
-
-
-
-
OCIE0A
TOIE0
108
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
61
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
61
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
61
(0x6A)
Reserved
-
-
-
-
-
-
-
-
(0x69)
EICRA
-
-
-
-
-
-ISC01
ISC00
58
(0x68)
Reserved
-
-
-
-
-
-
-
-
(0x67)
Reserved
-
-
-
-
-
-
-
-
(0x66)
OSCCAL
Oscillator Calibration Register [CAL7..0]
34
(0x65)
Reserved
-
-
-
-
-
-
-
-
(0x64)
PRR
-
-
-
PRLCD
PRTIM1
PRSPI
PSUSART0
PRADC
42
(0x63)
Reserved
-
-
-
-
-
-
-
-
(0x62)
Reserved
-
-
-
-
-
-
-
-
(0x61)
CLKPR
CLKPCE
-
-
-
CLKPS3
CLKPS2
CLKPS1
CLKPS0
34
(0x60)
WDTCR
-
-
-
WDCE
WDE
WDP2
WDP1
WDP0
49
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
12
0x3E (0x5E)
SPH
Stack Pointer High
14
0x3D (0x5D)
SPL
Stack Pointer Low
14
0x3C (0x5C)
Reserved
-
-
-
-
-
-
-
-
0x3B (0x5B)
Reserved
-
-
-
-
-
-
-
-
0x3A (0x5A)
Reserved
-
-
-
-
-
-
-
-
0x39 (0x59)
Reserved
-
-
-
-
-
-
-
-
0x38 (0x58)
Reserved
-
-
-
-
-
-
-
-
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
-
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
290
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
JTD
BODS
BODSE
PUD
-
-
IVSEL
IVCE
55/88/277
0x34 (0x54)
MCUSR
-
-
-
JTRF
WDRF
BORF
EXTRF
PORF
49
0x33 (0x53)
SMCR
-
-
-
-
SM2
SM1
SM0
SE
41
0x32 (0x52)
Reserved
-
-
-
-
-
-
-
-
0x31 (0x51)
OCDR
IDRD/OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
250
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
208
0x2F (0x4F)
Reserved
-
-
-
-
-
-
-
-
0x2E (0x4E)
SPDR
SPI Data Register
166
0x2D (0x4D)
SPSR
SPIF
WCOL
-
-
-
-
-
SPI2X
165
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
164
0x2B (0x4B)
GPIOR2
General Purpose I/O Register
26
0x2A (0x4A)
GPIOR1
General Purpose I/O Register
26
0x29 (0x49)
Reserved
-
-
-
-
-
-
-
-
0x28 (0x48)
Reserved
-
-
-
-
-
-
-
-
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare A
107
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Número de pieza similar - ATMEGA329P_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATMEGA329P ATMEL-ATMEGA329P_06 Datasheet
3Mb / 360P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_07 Datasheet
462Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_09 Datasheet
513Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Descripción similar - ATMEGA329P_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com