Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATMEGA325P Datasheet(PDF) 4 Page - ATMEL Corporation

No. de pieza ATMEGA325P
Descripción Electrónicos  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325P Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA325P_08 Datasheet HTML 1Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 2Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 3Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 4Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 5Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 6Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 7Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 8Page - ATMEL Corporation ATMEGA325P_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
8024AS–AVR–04/08
ATmega8HVA/16HVA
1.3.7
GND
Ground
1.3.8
Port A (PA1..PA0)
Port A serves as a low-voltage 2-bit bi-directional I/O port with internal pull-up resistors (selected
for each bit). As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the ATmega8HVA/16HVA as
listed in ”Alternate Functions of Port A” on page 70.
1.3.9
Port B (PB3..PB0)
Port B is a low-voltage 4-bit bi-directional I/O port with internal pull-up resistors (selected for
each bit). As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the ATmega8HVA/16HVA as
listed in ”Alternate Functions of Port B” on page 71.
1.3.10
PC0
Port C serves the functions of various special features of the ATmega8HVA/16HVA as listed in
”Alternate Functions of Port C” on page 61.
1.3.11
OC
High voltage output to drive Charge FET.
1.3.12
OD
High voltage output to drive Discharge FET.
1.3.13
NI
NI is the filtered negative input from the current sense resistor.
1.3.14
PI
PI is the filtered positive input from the current sense resistor.
1.3.15
NV/PV1/PV2
NV, PV1, and PV2 are the inputs for battery cells 1 and 2.
1.3.16
BATT
Input for detecting when a charger is connected.
1.3.17
RESET/dw
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running. The minimum pulse length is given in Table 11 on page
38. Shorter pulses are not guaranteed to generate a reset. This pin is also used as debugWIRE
communication pin.


Número de pieza similar - ATMEGA325P_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_07 Datasheet
449Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_09 Datasheet
503Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results

Descripción similar - ATMEGA325P_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_09 Datasheet
5Mb / 345P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com