| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATmega16 Datasheet(PDF) 282 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16 Datasheet(HTML) 282 Page - ATMEL Corporation |
|
282 / 357 page ![]() 282 2466S–AVR–05/09 ATmega16(L) Programming Command Register The Programming Command Register is a 15-bit register. This register is used to serially shift in programming commands, and to serially shift out the result of the previous command, if any. The JTAG Programming Instruction Set is shown in Table 117. The state sequence when shifting in the programming commands is illustrated in Figure 142. Figure 141. Programming Command Register TDI TDO S T R O B E S A D D R E S S / D A T A Flash EEPROM Fuses Lock Bits |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |