| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATtiny9 Datasheet(PDF) 149 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny9 Datasheet(HTML) 149 Page - ATMEL Corporation |
|
149 / 168 page ![]() 149 8127C–AVR–10/09 ATtiny4/5/9/10 18. Register Summary Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Page 0x3F SREG I T H S V N Z C Page 12 0x3E SPH Stack Pointer High Byte Page 12 0x3D SPL Stack Pointer Low Byte Page 12 0x3C CCP CPU Change Protection Byte Page 12 0x3B RSTFLR – – – –WDRF – EXTRF PORF Page 34 0x3A SMCR – – – – SM2 SM1 SM0 SE Page 25 0x39 OSCCAL Oscillator Calibration Byte Page 21 0x38 Reserved – – – – – – – – 0x37 CLKMSR – – – – – – CLKMS1 CLKMS0 Page 21 0x36 CLKPSR – – – – CLKPS3 CLKPS2 CLKPS1 CLKPS0 Page 22 0x35 PRR – – – – – – PRADC PRTIM0 Page 26 0x34 VLMCSR VLMF VLMIE – – – VLM2 VLM1 VLM0 Page 33 0x33 NVMCMD – – NVM Comman Page 115 0x32 NVMCSR NVMBSY – – – – – – – Page 115 0x31 WDTCSR WDIF WDIE WDP3 – WDE WDP2 WDP1 WDP0 Page 32 0x30 Reserved – – – – – – – – 0x2F GTCCR TSM – – – – – –PSR Page 79 0x2E TCCR0A COM0A1 COM0A0 COM0B1 COM0B0 – – WGM01 WGM00 Page 73 0x2D TCCR0B ICNC0 ICES0 – WGM03 WGM02 CS02 CS01 CS00 Page 75 0x2C TCCR0C FOC0A FOC0B – – – – – – Page 76 0x2B TIMSK0 – –ICIE0 – – OCIE0B OCIE0A TOIE0 Page 78 0x2A TIFR0 – –ICF0 – – OCF0B OCF0A TOV0 Page 79 0x29 TCNT0H Timer/Counter0 – Counter Register High Byte Page 77 0x28 TCNT0L Timer/Counter0 – Counter Register Low Byte Page 77 0x27 OCR0AH Timer/Counter0 – Compare Register A High Byte Page 77 0x26 OCR0AL Timer/Counter0 – Compare Register A Low Byte Page 77 0x25 OCR0BH Timer/Counter0 – Compare Register B High Byte Page 77 0x24 OCR0BL Timer/Counter0 – Compare Register B Low Byte Page 77 0x23 ICR0H Timer/Counter0 - Input Capture Register High Byte Page 78 0x22 ICR0L Timer/Counter0 - Input Capture Register Low Byte Page 78 0x21 Reserved – – – – – – – – 0x20 Reserved – – – – – – – – 0x1F ACSR ACD – ACO ACI ACIE ACIC ACIS1 ACIS0 Page 81 0x1E Reserved – – – – – – – – 0x1D ADCSRA ADEN ADSC ADATE ADIF ADIE ADPS2 ADPS1 ADPS0 Page 93 0x1C ADCSRB – – – – – ADTS2 ADTS1 ADTS0 Page 94 0x1B ADMUX – – – – – – MUX1 MUX0 Page 93 0x1A Reserved – – – – – – – – 0x19 ADCL ADC Conversion Result Page 95 0x18 Reserved – – – – – – – – 0x17 DIDR0 – – – – ADC3D ADC2D ADC1D ADC0D Page 82, Page 95 0x16 Reserved – – – – – – – – 0x15 EICRA – – – – – – ISC01 ISC00 Page 37 0x14 EIFR – – – – – – – INTF0 Page 38 0x13 EIMSK – – – – – – – INT0 Page 38 0x12 PCICR – – – – – – – PCIE0 Page 39 0x11 PCIFR – – – – – – –PCIF0 Page 39 0x10 PCMSK – – – – PCINT3 PCINT2 PCINT1 PCINT0 Page 39 0x0F Reserved – – – – – – – – 0x0E Reserved – – – – – – – – 0x0D Reserved – – – – – – – – 0x0C PORTCR – – – – – – BBMB – Page 50 0x0B Reserved – – – – – – – – 0x0A Reserved – – – – – – – – 0x09 Reserved – – – – – – – – 0x08 Reserved – – – – – – – – 0x07 Reserved – – – – – – – – 0x06 Reserved – – – – – – – – 0x05 Reserved – – – – – – – – 0x04 Reserved – – – – – – – – 0x03 PUEB – – – – PUEB3 PUEB2 PUEB1 PUEB0 Page 50 0x02 PORTB – – – – PORTB3 PORTB2 PORTB1 PORTB0 Page 51 0x01 DDRB – – – – DDRB3 DDRB2 DDRB1 DDRB0 Page 51 0x00 PINB – – – – PINB3 PINB2 PINB1 PINB0 Page 51 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |