Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R31001 Datasheet(PDF) 3 Page - Integrated Technology Future

No. de pieza R31001
Descripción Electrónicos  SAW Resonator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITF [Integrated Technology Future]
Página de inicio  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R31001 Datasheet(HTML) 3 Page - Integrated Technology Future

  R31001 Datasheet HTML 1Page - Integrated Technology Future R31001 Datasheet HTML 2Page - Integrated Technology Future R31001 Datasheet HTML 3Page - Integrated Technology Future R31001 Datasheet HTML 4Page - Integrated Technology Future R31001 Datasheet HTML 5Page - Integrated Technology Future R31001 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW Resonator R31001
Electrical Specification
FR = 310.0MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Minimum
Typical
Maximum
Resonance Frequency ( FR )
MHz
309.925
310.000
310.075
Insertion Loss
dB
-
1.5
2.5
50 ohm Loaded Q
Unloaded Q
2,000
11,000
Trun-over Temperature
°C
10
25
40
Temperature Coefficient of Frequency
ppm/°C
2
-
-0.032
-
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Part No.
R31001
Rev. Date
2004-04-20
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3106-AS01
3/6
I T F
Co., Ltd.
Input
Output
50Ω
50Ω


Número de pieza similar - R31001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
REYCONNS CHINA LIMITED
R310 REYCONNS-R310 Datasheet
177Kb / 5P
SAW Resonator
More results

Descripción similar - R31001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
SAW Resonator
R29311 ITF-R29311 Datasheet
201Kb / 6P
SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com