Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BC-053R6S1 Datasheet(PDF) 3 Page - Bothhand USA, LP.

No. de pieza BC-053R6S1
Descripción Electrónicos  1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-053R6S1 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BC-053R6S1_1 Datasheet HTML 1Page - Bothhand USA, LP. BC-053R6S1_1 Datasheet HTML 2Page - Bothhand USA, LP. BC-053R6S1_1 Datasheet HTML 3Page - Bothhand USA, LP. BC-053R6S1_1 Datasheet HTML 4Page - Bothhand USA, LP. BC-053R6S1_1 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC Series
1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
BOTHHAND USA. http://www.bothhand.com
Mechanical Dimension:
: ( Single O/P )
(1).
(1).
(1).
(1). Plastic Case
Plastic Case
Plastic Case
Plastic Case:
(2).
(2).
(2).
(2). Nickel Coated Metal Case
Nickel Coated Metal Case
Nickel Coated Metal Case
Nickel Coated Metal Case:
Pin
Single Output
Pin
1
N.C.
N.C.
24
2
+Vin
-Vin
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
---
---
14
12
Vo (-)
Vo (+)
13
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Número de pieza similar - BC-053R6S1_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
BC-053R6S1(H)LF BOTHHAND-BC-053R6S1(H)LF Datasheet
220Kb / 2P
1.5~3W Isolated DC/DC Converter
More results

Descripción similar - BC-053R6S1_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B2-0503D BOTHHAND-B2-0503D Datasheet
217Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-0503S BOTHHAND-B2-0503S Datasheet
230Kb / 3P
0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
2 Watt Isolated DC-DC Converter Single / Dual Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1 Datasheet
1Mb / 5P
1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com