Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PIC16F1933-E/P Datasheet(PDF) 104 Page - Microchip Technology

No. de pieza PIC16F1933-E/P
Descripción Electrónicos  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/P Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F1933-E/P Datasheet HTML 100Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 101Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 102Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 103Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 104Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 105Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 106Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 107Page - Microchip Technology PIC16F1933-E/P Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 102
Preliminary
© 2008 Microchip Technology Inc.
6.6.2
PORTE FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTE pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
RE0
1.
SEG21 (LCD)
2.
CCP3/P3A (CCP)
3.
RE0
RE1
1.
SEG22 (LCD)
2.
P3B (CCP)
3.
RE1
RE2
1.
SEG23 (LCD)
2.
CCP5 (CCP)
3.
RE2
TABLE 6-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE(1)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
137
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
101
CCPxCON
PxM1
PxM0
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
184
LATE
—
—
—
—
LATE3
LATE2
LATE1
LATE0
99
LCDCON
LCDEN
SLPEN
WERR
—
CS1
CS0
LMUX1
LMUX0
243
LCDSE2
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
247
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
99
TRISE
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
101
WPUE
—
—
—
—
WPUE3
—
—
—
100
Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by
PORTE.
Note 1: These registers are not implemented on the PIC16F1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More