Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 281 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 277Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 278Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 279Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 280Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 281Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 282Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 283Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 284Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
281
Operation
RD – IMM8:$00
⇒ RD
Subtracts a signed immediate 8 bit constant from the content of high byte of register RD and using binary
subtraction and stores the result in the high byte of destination register RD. This instruction can be used
after an SUBL for a 16 bit immediate subtraction.
Example:
SUBL
R2,#LOWBYTE
SUBH
R2,#HIGHBYTE
; R2 = R2 - 16 bit immediate
CCR Effects
Code and CPU Cycles
SUBH
Subtract Immediate 8 bit Constant
(High Byte)
SUBH
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RD[15]old & IMM8[7] & RD[15]new | RD[15]old & IMM8[7] & RD[15]new
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RD[15]old & IMM8[7] | RD[15]old & RD[15]new | IMM8[7] & RD[15]new
Source Form
Address
Mode
Machine Code
Cycles
SUBH RD, #IMM8
IMM8
1
1
0
0
1
RD
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com