Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M4115 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

No. de pieza M4115
Descripción Electrónicos  HIGH RELIABILITY FOR LOW COST
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M4115 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M4115 Datasheet HTML 1Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- ULTRA LOW PROFILE
- OPERATING TEMPERATURE RANGE OF -40/+85°C
MINIATURE SMD-WATCH CRYSTAL SERIES
FREQUENCY
FREQUENCY TOLERANCE AT 25°C
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
PARABOLIC COEFFICIENT
TURNOVER TEMPERATURE
DRIVE LEVEL
SHUNT CAPACITANCE C0
MOTIONAL CAPACITANCE C1
AGING
DELIVERY FORM
PART NUMBERING SYSTEM
EXAMPLE
PACKAGE
M4115
FREQUENCY
32.768 kHz
FREQUENCY TOLERANCE AT 25°C
REQUIRED VALUE
-40/+85°C standard temperature range
LOAD CAPACITANCE
REQUIRED VALUE
PACKAGE DIMENSIONS
RECOMMENDED LAYOUT
INTERNAL CONNECTION
Specification dated December 2009
http://www.petermann-technik.com | info@petermann-technik.com
- EXCELLENT CLOCK SIGNAL GENERATUR FOR CPU'S
70 k
Ω max.
-55/+125°C
3.4 fF typical
M4115
PACKAGE DIMENSIONS
32.768 kHz
+-20 ppm standard / +-10 ppm on request
-40/+85°C
see outline drawing
12.5 pF standard / 6 pF, 7 pF and 9 pF on demand available
LOAD CAPACITANCE
SERIES RESISTANCE
M4115 32.768 kHz +-20 PPM -40/+85 12.5PF
TEMPERATURE RANGE
-0.04 ppm/°C² max.
1.0 pF typical
Tape & Reel (1.000 pcs per reel)
+25°C +-5°C
0.5 µW max.
+-3 ppm max. per year
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
0.6
(2.7)
0.6
Unit: mm
2-0.1
C0.3
4.1+0.1
-
1.1
2.3
1.1
Unit: mm


Número de pieza similar - M4115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
M4115 PETERMANN-M4115 Datasheet
614Kb / 2P
SMD WATCH CRYSTAL SERIES M4115
M4115 PETERMANN-M4115_13 Datasheet
614Kb / 2P
SMD WATCH CRYSTAL SERIES M4115
M4115 PETERMANN-M4115_15 Datasheet
515Kb / 3P
Smallest available low cost watch crystal
More results

Descripción similar - M4115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
High reliability for low cost
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com